Part Number Hot Search : 
8062M 1N4971C RCB0610 01320 RCB0610 KE200 ENA0125B L7809ABP
Product Description
Full Text Search
 

To Download 1N5223BT50R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zeners 1N5221B - 1N5279B
Zeners 1N5221B - 1N5279B
Absolute Maximum Ratings *
Symbol PD TSTG TJ Parameter Power Dissipation Derate above 50C Storage Temperature Range Maximum Junction Operating Temperature Lead Temperature (1/16" from case for 10 seconds)
TA = 25C unless otherwise noted
Tolerance = 5%
Units mW mWC C C C DO-35 Glass case
COLOR BAND DENOTES CATHODE
Value 500 4.0 -65 to +200 +200 +230
* These ratings are limiting values above which the serviceability of the diode may be impaired. ** Non-recurrent square wave PW = 8.3ms, Ta = 50 degrees C.
Electrical Characteristics
Device 1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5247B 1N5250B VZ (V) @ IZ (Note 1) Min. 2.28 2.375 2.565 2.66 2.85 3.135 3.42 3.705 4.085 4.465 4.845 5.32 5.7 5.89 6.46 7.125 7.79 8.265 8.645 9.5 10.45 11.4 12.35 13.3 14.25 15.2 16.15 17.1 18.05 19 Typ. 2.4 2.5 2.7 2.8 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20
TA=25C unless otherwise noted
Max. 2.52 2.625 2.835 2.94 3.15 3.465 3.78 4.095 4.515 4.935 5.355 5.88 6.3 6.51 7.14 7.875 8.61 9.135 9.555 10.5 11.55 12.6 13.65 14.7 15.75 16.8 17.85 18.9 19.95 21
ZZ () @ IZ (mA) 30 30 30 30 29 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 22 30 13 15 16 17 19 21 23 25 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2
ZZK () @ IZK (mA) 1,200 1,250 1,300 1,400 1,600 1,600 1,700 1,900 2,000 1,900 1,600 1,600 1,600 1,000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR (A) @ VR (V)
TC (%/C) -0.085 -0.085 -0.080 -0.080 -0.075 -0.07 -0.065 -0.06 +/-0.055 +/-0.03 +/-0.03 0.038 0.038 0.045 0.05 0.058 0.062 0.065 0.068 0.075 0.076 0.077 0.079 0.080 0.082 0.083 0.084 0.085 0.085 0.086
100 100 75 75 50 25 15 10 5.0 2.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15
(c)2004 Fairchild Semiconductor Corporation
1N5221B - 1N5279B, Rev. H1
Zeners 1N5221B - 1N5279B
Electrical Characteristics (Continued) T =25C unless otherwise noted
A
Device 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 1N5261B 1N5262B 1N5263B 1N5264B 1N5265B 1N5266B 1N5267B 1N5268B 1N5269B 1N5270B 1N5271B 1N5272B 1N5273B 1N5274B 1N5275B 1N5276B 1N5277B 1N5278B 1N5279B
VZ (V) @ IZ (Note 1) Min. 20.9 22.8 23.75 25.65 26.6 28.5 31.35 34.2 37.05 40.85 44.65 48.45 53.2 57 58.9 64.6 71.25 80.75 82.65 96.45 95 104.5 114 123.5 133 142.5 152 161.5 171 Typ. 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 85 87 91 100 110 120 130 140 150 160 170 180 Max. 23.1 25.2 26.25 28.35 29.4 31.5 34.65 37.8 40.95 45.15 49.35 53.55 58.8 63 65.1 71.4 78.75 89.25 91.35 95.55 105 115.5 126 136.5 147 157.5 168 178.5 189
ZZ () @ IZ (mA) 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 330 370 400 500 750 900 1100 1300 1500 1700 1900 2200 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4 1.3 1.1 1.0 0.95 0.90 0.85 0.80 0.74 0.68
ZZK () @ IZK (mA) 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700 2000 2200 2300 2600 3000 4000 4500 4500 5000 5500 5500 6000 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR (A) @ VR (V)
TC (%/C) 0.087 0.088 0.088 0.089 0.090 0.09 0.092 0.093 0.094 0.095 0.095 0.096 0.096 0.097 0.097 0.097 0.098 0.098 0.099 0.099 0.099 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11
0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56 62 68 69 76 84 91 99 106 114 122 129 137
VF Forward Voltage = 1.2V Max. @ IF = 200mA
Notes: 1. Zener Voltage (VZ) The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30C 1C and 3/8" lead length.
(c)2004 Fairchild Semiconductor Corporation
1N5221B - 1N5279B, Rev. H1
Zeners 1N5221B - 1N5279B
Top Mark Information
Device 1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5247B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 1N5261B 1N5262B 1N5263B 1N5264B 1N5265B 1N5266B 1N5267B 1N5268B 1N5269B 1N5270B 1N5271B 1N5272B 1N5273B 1N5274B 1N5275B 1N5276B 1N5277B 1N5278B 1N5279B Line 1 LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO Line 2 522 522 522 522 522 522 522 522 522 523 523 523 523 523 523 523 523 523 523 524 524 524 524 524 524 524 524 524 524 525 525 525 525 525 525 525 525 525 525 526 526 526 526 526 526 526 526 526 526 526 527 527 527 527 527 527 527 527 527 Line 3 1B 2B 3B 4B 5B 6B 7B 8B 9B 0B 1B 2B 3B 4B 5B 6B 7B 8B 9B 0B 1B 2B 3B 4B 5B 6B 7B 8B 9B 0B 1B 2B 3B 4B 5B 6B 7B 8B 9B 0B 1B 2B 3B 4B 5B 6B 7B 8B 9B 0B 1B 2B 3B 4B 5B 6B 7B 8B 9B Line 4 XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY
(c)2004 Fairchild Semiconductor Corporation
1N5221B - 1N5279B, Rev. H1
Zeners 1N5221B - 1N5279B
Top Mark Information (Continued)
F
1st line: F - Fairchild Logo 2nd line: Device Name - 3rd to 5th characters of the device name. or 4th to 6th characters for BZXyy series 3rd line: Device Name - 6th to 7th characters of the device name. or Voltage rating for BZXyy series 4th line: Device Code or - Two Digit - Six Weeks Date Code. Date code plus or Two Digit - Six Weeks Date Code Large die identification plus Large die identification, "L"
522 9B XY
General Requirements:
1.0 Cathod Band 2.0 First Line: F - Fairchild Logo 3.0 Second Line: Device name - For 1Nxx series: 3rd to 5th characters of the device name. For BZxx series: 4th to 6th characters of the device name. 4.0 Third Line: Device name - For 1Nxx series: 6th to 7th characters of the device name. For BZXyy series: Voltage rating 5.0 Fourth Line: XY or XYL - Two Digit - Six Weeks Date Code Where: X represents the last digit of the calendar year Y represents the Six weeks numeric code L represents the Large die identification 6.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec). 7.0 Maximum no. of marking lines: 4 8.0 Maximum no. of digits per line: 3 9.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line. 10.0 Marking Font: Arial (Except FSC Logo) 11.0 First character of each marking line must be aligned vertically
(c)2004 Fairchild Semiconductor Corporation
1N5221B - 1N5279B, Rev. H1
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC Across the board. Around the world.TM OPTOPLANARTM PACMANTM The Power Franchise POPTM Programmable Active DroopTM
Power247TM POWEREDGETM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM SPMTM
StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I12


▲Up To Search▲   

 
Price & Availability of 1N5223BT50R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X